Part Number Hot Search : 
MV3507DG 74HC54 IRLI530N N6068 718VZM PC4004D IRGC2 06300
Product Description
Full Text Search
 

To Download DDTA144ECA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA
DDTA (R1 = R2 SERIES) CA
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1 = R2 Lead Free/RoHS Compliant (Note 2)
TOP VIEW
SOT-23 Dim
A
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
A B
B C
C D E G H
M L
Mechanical Data
* * * * * * * * *
Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Type Code (See Table Below & Page 2) Ordering Information (See Page 2) Weight: 0.008 grams (approximate)
B R1 R2
E D G H K J
J K L M a
All Dimensions in mm
OUT 3
C
P/N DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA
R1, R2 (NOM) Type Code 2.2KW 4.7KW 10KW 22KW 47KW 100KW P04 P08 P13 P17 P20 P24
IN
E
B
1
3
C OUT
1 IN
2 GND(+)
GND (+)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@ TA = 25C unless otherwise specified Symbol VCC DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA All Value -50 +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 -100 -100 -50 -30 -30 -20 -100 200 625 -55 to +150 Unit V
Characteristic
VIN
2
E
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30333 Rev. 6 - 2
1 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) CA
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Vl(off) Min -0.5 Typ -1.1 Max 3/4 V Unit Test Condition VCC = 5V, IO = 100mA VO = 0.3V, IO = 20mA, DDTA123ECA VO = 0.3V, IO = 20mA, DDTA143ECA VO = 0.3V, IO = 10mA, DDTA114ECA VO = 0.3V, IO = 5mA, DDTA124ECA VO = 0.3V, IO = 2mA, DDTA144ECA VO = 0.3V, IO = 1mA, DDTA115ECA IO/Il =10mA/0.5mA, DDTA123ECA IO/Il =10mA/0.5mA, DDTA143ECA IO/Il =10mA/0.5mA, DDTA114ECA IO/Il =10mA/0.5mA, DDTA124ECA IO/Il =10mA/0.5mA, DDTA144ECA IO/Il =5mA/0.25mA, DDTA115ECA
NEW PRODUCT
Characteristic
Input Voltage
Vl(on)
3/4
-1.9
-3
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA
Il
3/4
3/4
-3.8 -1.8 -.88 -.36 -.18 -.15 0.5
mA
VI = -5V
Output Current
IO(off)
3/4 -20 -20 -30 -56 -68 -82 -30 0.8 3/4
3/4
mA
VCC = -50V, VI = 0V VO = -5V, IO = -20mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA 3/4 3/4 VCE = -10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4 MHz
Ordering Information
Device
(Note 3) Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
DDTA123ECA-7-F DDTA143ECA-7-F DDTA114ECA-7-F DDTA124ECA-7-F DDTA144ECA-7-F DDTA115ECA-7-F
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P Mar 3 Apr 4
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
2004 R May 5
YM
2005 S Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30333 Rev. 6 - 2
2 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) CA
TYPICAL CURVES - DDTA143ECA
NEW PRODUCT
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
75 C -25 C 25 C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
f = 1MHz
100
75 C 25 C -25 C
COB, CAPACITANCE (pF)
10 8 6 4 2 0
hFE, DC CURRENT GAIN
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100
IC, COLLECTOR CURRENT (mA)
75 C
VO = 5V 25C
VO = 0.2V
-25C
Vin, INPUT VOLTAGE (V)
10
-25C
75 C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30333 Rev. 6 - 2
3 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) CA
IMPORTANT NOTICE
NEW PRODUCT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30333 Rev. 6 - 2
4 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) CA


▲Up To Search▲   

 
Price & Availability of DDTA144ECA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X